|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
Model 6568 Universal DSX-3 Test Kit FEATURES: * Test, monitor, patch and cross connect DSX-3 signals in the central office and outside plant * Adapters quickly convert BNC cables to Mini-Weco or Standard Weco (.090 diameter pin) interfaces * Kit reduces the need for multiple cables to service DSX-3 panels * Includes a 9 1/4" (L) x 6" (W) x 2 1/4" (D) Cordura shoulder carrying case with multiple zippered pockets for convenient accessory storage MATERIALS: BNC, Mini-Weco & Standard Weco connectors Bodies: Brass, nickel plated Center Contacts: Brass, gold plated, BNC (F) Beryllium Copper, gold plated Insulators: PTFE Cable: Hi flex, RG59 type, Color: Red (Receive), Blue (Transmit) ORDERING INFORMATION: Model 6568 All dimensions are in inches. Tolerances (except noted): .xx = .02" (,51 mm), .xxx = .005" (,127 mm). All specifications are to the latest revisions. Specifications are subject to change without notice. Registered trademarks are the property of their respective companies. Made in USA 7/15/02 SY/EH/LS Last saved by PN Sales: 800-490-2361 Fax: 888-403-3360 Technical Assistance: 800-241-2060 PomonaACCESS 90939 (800) 444-6785 or (425) 446-6010 More drawings available at www.pomonaelectronics.com Page 1 of 1 C:\Laura Goldberg\FlukeDataSheet \d6568_1_01.doc |
Price & Availability of 6568 |